PART |
Description |
Maker |
SB02-15 |
150V, 200mA Rectifier(用于高频整流应用的重复反向电50V,平均整流电00mA 整流 Small signal(single type) Schottky Barrier Diode 150V/ 200mA Rectifier
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
SC1531ACSTR SC1531CSTR SC1531 SC1531A SC1531ACS.TR |
200 mA & 250 mA smart LDOs 200mA & 500mA SmartLDOs 200mA & 250mA SmartLDOs 250mA SmartLDOs(250mA SmartLDOs线性稳压器) 200mA SmartLDOs(200mA SmartLDOs线性稳压器)
|
SEMTECH[Semtech Corporation]
|
LTC3544B |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology
|
P6DG-054R8E P6DG-244R8E P6DG-124R8E |
Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
SB02-03Q |
Schottky Barrier Diode 30V, 200mA Rectifier Small signal(single type)
|
Sanyo Semiconductor
|
91PR10KLF 91AR100KLF 91AR100LF 91AR10KLF 91AR10LF |
3/8 Diameter Single Turn Cermet Trimming Potentiometer
|
BITECH[Bi technologies]
|
5311R500T2L.50CT 5311R5KT2L.50ST 5311 5311R100T2L. |
1-5/16 Diameter Single Turn Wirewound Precision Potentiometer 1-5/16`` Diameter Single Turn Wirewound Precision Potentiometer
|
List of Unclassifed Manufacturers ETC[ETC]
|
82PR50LFTB 82PR5KLFTR 82PR100LF 82PR10KLFTB 82PR1K |
1/4 Diameter Single Turn Cermet Trimming Potentiometer
|
BITECH[Bi technologies] BI Technologies Corporation
|
93PR5KLF 93PR100KLF 93PR100LF 93PR10KLF 93PR1KLF 9 |
1/2 Diameter Single Turn Cermet Trimming Potentiometer
|
BITECH[Bi technologies]
|
24WR10KLFTR |
4mm Diameter Single Turn Cermet Trimming Potentiometer
|
BITECH[Bi technologies]
|
GF20115FB100K GF20115FB101K GF20115FB102K GF20115F |
20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
|
TOCOSAMERICA, INC.
|